Part Number Hot Search : 
2N2297 SSP2FKQ ST9028C1 SM8S26 11610 HT7825 74LVC2 BY398
Product Description
Full Text Search
 

To Download UVK1H682MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (l 20) 1.5 (l 20) 2.0 (mm) ( 6.3up) pressure relief vent d + max l + max 15 min 4 min d p 0.5 sleeve ( p.e.t. ) u 1 v 2 k 3 1 4 a 5 3 6 3 7 1 8 m 9 e 10 d 11 configuration capacitance tolerance (20%) rated capacitance (330f) rated voltage (10v) series name type d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 810 pd hd configuration rd 12.5 ~ 18 20 ~ 25 vk vy specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ + 85 ? c( 6.3v ~ 400v), 25 ? c~ + 85 ? c( 450v) 6.3 ~ 450v 0.1 ~ 68000 f 20% at 120hz, 20 ? c printed with white color letter on black sleeve. after storing the capacitors under no load at 85 ? c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. rated voltage ( v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 ~ 250 0.20 350 ~ 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz, temperature : 20 ? c measurement frequency : 120hz after 2000 hours' application of rated voltage at 85 ? c,capacitors meet the characteristic requirements listed at right. rated voltage ( v) 6.3 ~ 100v 160 ~ 450v after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, cv < = 1000 1 = 0.1cv + 40a or less after 1 minute's application of rated voltage, cv > 1000 : 1 = 0.04cv + 100 (a) or less leakage current tan capacitance change initial specified value or less 200% or less of initial specified value within 20% of initial value please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. please refer to page 21 about the end seal configulation. radial lead type type numbering system (example : 10v 330 f) high te m p e r a t u re smaller aluminum electrolytic capacitors vk series miniature sized one rank smaller case sizes than vr series. adapted to the rohs directive (2002/95/ec). dimension table in next page. vr cat.8100v z 25 ? c / z + 20 ? c z 40 ? c / z + 20 ? c rated voltage ( v) impedance ratio zt / z20 (max.) 450 15 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 ~ 100 2 3 250 ~ 350 4 8 400 6 10 160 ~ 200 3 4
cat.8100v case size d l (mm) cap.( f) ~ 68 000 100 ~ 470 00 1000 ~ 68000 0.1 ~ 220 00 330 ~ 1000 0 6.3 ~ 100 v 160 ~ 450 50hz 120hz 300hz 1 khz 10khz ~ 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 0.90 1.00 1.10 1.13 1.15 frequency 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 472 682 103 153 223 333 473 683 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 540 890 1190 1550 1920 2350 2550 3200 3500 3900 4300 0j 6.3 5 11 6.3 11 6.3 11 10 12.5 10 16 12.5 20 12.5 25 16 25 16 31.5 16 35.5 18 40 22 50 25 50 220 290 350 650 990 1450 1800 2250 2550 2880 3400 4500 5000 1a 10 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 16 25 16 25 16 35.5 18 40 22 40 25 50 260 320 440 700 1000 1700 2100 2250 2710 3100 3800 4800 1c 16 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 35.5 18 40 22 50 25 50 180 280 390 550 860 1550 1980 2200 2600 2800 3800 4500 1e 25 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 16 25 16 31.5 16 35.5 18 40 22 50 25 50 130 160 210 350 490 650 1150 1800 2100 2500 2800 3700 4300 1v 35 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 31.5 18 35.5 20 40 22 50 25 50 1.3 2.9 4.3 6.2 17 28 35 40 60 95 125 155 210 260 430 590 760 1350 1980 2500 2900 3500 4000 1h 50 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 100 140 170 220 280 490 710 900 1300 2300 2700 3400 3900 1j 63 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 25 18 35.5 22 50 25 50 2.1 4.7 7 10 21 30 40 45 70 130 180 200 270 340 550 760 1000 1350 2400 2900 2a 100 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 31.5 18 35.5 18 40 25 50 80 130 180 210 350 430 580 800 1200 1900 2c 160 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 40 2.1 4.7 7 15 22 33 40 50 80 150 200 270 350 450 700 950 1300 2d 200 6.3 11 6.3 11 10 12.5 10 20 10 20 12.5 20 16 25 16 25 18 35.5 20 40 22 50 40 50 100 150 200 270 380 440 680 1000 1400 2e 250 6.3 11 8 11.5 8 11.5 10 12.5 12.5 20 12.5 25 16 25 16 25 18 35.5 22 50 25 50 30 43 55 90 150 240 300 400 520 760 1000 2v 350 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 31.5 18 35.5 22 50 12 20 38 48 60 90 200 240 280 340 440 650 2g 400 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 18 40 25 50 28 40 46 80 140 180 220 260 280 350 2w 450 rated ripple (marms) at 85 ? c 120hz vk series aluminum electrolytic capacitors dimensions cap.( f) code v cap.( f) code v frequency coefficient of rated ripple current rated ripple rated ripple case size d l (mm)


▲Up To Search▲   

 
Price & Availability of UVK1H682MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X